Part Number Hot Search : 
NTE1517 29LV800 U1ZB22 18TQ035S MC333 SSF6807 BCD25 6N1135
Product Description
Full Text Search
 

To Download A2714B-4SURW-S530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps A2714B/4SURW/S530-A3
Features :

Low power consumption High efficiency and low cost Good control and free combinations on the colors of LED lamps Good lock and easy to assembly Stackable and easy to assembly Stackable vertically and easy to assembly Versatile mounting on P.C board or panel Stackable horizontally and easy to assembly Pb free The product itself will remain within RoHS compliant version


Descriptions :

ARRAY=Plastic Holder+Combinations of Lamps The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
PART NO. 264-10SURW/S530-A3
Chip Material AlGaInP Emitted Color Hyper Red
Lens Color White Diffused
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-271-008
'http : //www.everlight.com Prepared date: 2006/11/26
REV.:
1
Page: 1 of 6
Prepared by:
HongXia Zheng
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A2714B/4SURW/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified 2.Lead spacing is measured where the lead emerge from the package Absolute Maximum Ratings at Ta = 25 Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Reverse Voltage Symbol IF Topr Tstg Tsol ESD Pd VR Rating 25 -40 to +85 -40 to +100 260 5 2000 60 5 Unit mA V mW V
Note: *1:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTDhttp : //www.everlight.com Device Number : CDAE-271-008 Prepared date: 2006/11/26
REV.:
1
Page:
2 0f 6
Prepared by:
HongXia Zheng
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A2714B/4SURW/S530-A3
Electro-Optical Characteristics(Ta=25) Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 20 20 20 20 20 mA V mA mA mA mA mA Min. 40 Typ. 2.0 63 60 632 624 20 Max. 2.4 10 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-271-008
http : //www.everlight.com Prepared date: 2006/11/26
REV.: Prepared by:
1
Page:3 of 6 HongXia Zheng
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A2714B/4SURW/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-271-008
http : //www.everlight.com Prepared date: 2006/11/26
REV.: 1 Prepared by:
Page:
4 of 6
HongXia Zheng
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A2714B/4SURW/S530-A3
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3%
NO
Item
Test Conditions
Test Hours/Cycle 10 SEC
Sample Size 76 PCS
Failure Judgment Criteria
Ac/Re
1
Solder Heat
TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
0/1
2
Temperature Cycle
300 CYCLES 76 PCS
0/1
3
Thermal Shock
300 CYCLES 76 PCS
4
High Temperature Storage
1000 HRS
IvIvt*0.5 or VfU 76 PCS or VfL 76 PCS
0/1
0/1
5
Low Temperature Storage
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
0/1
6 7
DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
Note IvtTo test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2006/11/26
REV.:
1
Page:5 of 6
HongXia Zheng
Device Number : CDAE-271-008
Prepared by:
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A2714B/4SURW/S530-A3
Packing Quantity Specification
1.130PCS/1Bag3Bags/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customers Production Number P/N : Production Number QTY: Packing Quantity A2714B/4SURW/S530-A3 CAT: Ranks HUE:Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. The product itself will remain within RoHS compliant version for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please dont reproduce or cause anyone to reproduce them without EVERLIGHTsconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: (886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2006/11/26
'REV.:
1 Prepared by:
6 0f 6 HongXia Zheng
Device Number :
CDAE-271-008


▲Up To Search▲   

 
Price & Availability of A2714B-4SURW-S530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X